PART |
Description |
Maker |
JAN1N5418 JANTX1N5418 JANTXV1N5418 1N5418 |
HIGH CURRENT AXIAL LEAD RECTIFIERS
|
SENSITRON[Sensitron]
|
3T064A 3T064B 3T072B 3T150A 3T310B 3T350A 3T310A 3 |
300V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 220V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 190V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 160V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 140V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 120V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 65V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 275V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 58V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 75V 1A surface mount and axial lead two terminal thyristor (3T) surge suppressor
|
MDE Semiconductor, Inc.
|
14KESD22A 14KESD64A 14KESD10A 14KESD100A 14KESD100 |
AXIAL LEAD AXIAL-LEAD TVS KSS 5 AXIAL LEAD 4000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
BL-XY0361-F9 BL-XA1361-F9 BL-XGD361-F9 BL-XKB361-F |
Yellow, 30 mA, axial LED lamp with Z bent lead Amber, 30 mA, axial LED lamp with Z bent lead Super yellow green, 30 mA, axial LED lamp with Z bent lead Super yellow, 30 mA, axial LED lamp with Z bent lead Super red, 30 mA, axial LED lamp with Z bent lead Super orange red, 30 mA, axial LED lamp with Z bent lead Pure green, 30 mA, axial LED lamp with Z bent lead Bluish green, 30 mA, axial LED lamp with Z bent lead
|
Yellow Stone Corp
|
GI752 GI750 GI754 GI751 GI756 GI758 |
High Current Axial Plastic Rectifiers, Forward Current 6.0A
|
Vishay
|
M160UFGHT |
High Voltage Rectifier - Axial Lead
|
Voltage Multipliers Inc.
|
JANXV1N5809 JANXV1N5809US |
HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
|
Sensitron Semiconductor
|
WAB WAB100 WAB010 WAB020 WAB040 WAB005 WAB060 WAB0 |
6 AMPERE AXIAL LEAD RECTIFIERS HIGH PERFORMANCE
|
Electronic devices inc.
|
5KP58A-HF 5KP58CA-HF 5KP80A-HF 5KP80CA-HF 5KP350A- |
Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=80V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=350V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=250V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=14V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=51V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=48V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=26V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=19V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=85V, Tolerance=5%
|
Comchip Technology
|
CTZ10 CTZ10A CTZ11 CTZ12A CTZ15 CTZ18A CTZ2.6 CTZ2 |
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
|
Continental Device Indi... CDIL[Continental Device India Limited] Continental Device India Li...
|
AL-XKD361-F7 |
Super Yellow Axial With Gull Wing Lead AXIAL LED LAMPS
|
A-BRIGHT Inc
|
AL-XGE361-F8 |
Super Yellow Green Axial With YOKE Lead AXIAL LED LAMPS
|
A-BRIGHT Inc
|